PART |
Description |
Maker |
AT88SC018-SU-CM AT88SC018-SU-CM-T AT88SC018-SU-CN |
SPECIALTY MEMORY CIRCUIT, PDSO8 CryptoCompanion Chip for CryptoMemory and CryptoRF CryptoCompanion垄芒 Chip for CryptoMemory and CryptoRF
|
ATMEL Corporation
|
D20NP1R4F5PA D12NP0R4F5PA D12NP0R4B5PA D15NP1R2F5P |
CAPACITOR, CERAMIC, 50 V, NP, 0.0000014 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000004 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000012 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000005 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000024 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000006 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000018 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000024 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000008 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000009 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.00000045 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000014 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000012 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000011 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000013 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.000001 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000007 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000011 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.00000035 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000017 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000016 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NS, 0.000002 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, BJ, 0.000043 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, PG, 0.00000008 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, PG, 0.00000008 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, PG, 0.00000007 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, PG, 0.00000007 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, PI, 0.0000002 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, PI, 0.00000006 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, PI, 0.00000006 uF, SURFACE MOUNT CHIP
|
Dielectric Laboratories, Inc.
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
BLM31PG601SN1L BLM31PG601SN1B BLM31PG330SN1L |
FERRITE CHIP 600 OHM 1500MA 1206 1 FUNCTIONS, 1.5 A, FERRITE CHIP IND, FER BEAD, 1.5A, 0.09DCR 1 FUNCTIONS, 1.5 A, FERRITE CHIP Chip EMIFILr Inductor Type Chip Ferrite Beads, 1206 Series
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
LC86104A |
Liquid Crystal Display Controller/ Driver, On-chip 4K bytes ROM and On-chip 168 bytes RAM 8-BIT SINGLE CHIP MICROCOMPUTER LC86104A
|
SANYO
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
LQG15HN10NJ02D LQG15HN18NJ02D LQG15HN15NJ02J LQG15 |
Chip Inductor (Chip Coil) for High Frequency Multilayer Type 1 ELEMENT, 0.027 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP COILS, 82NH / 150MA Chip Inductor (Chip Coil) for High Frequency Multilayer Type
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD Murata Manufacturing Co...
|
CPD04 |
Chip Form: RECTIFIER CHIP General Purpose Rectifier 500 mA Glass Passivated Rectifier Chip
|
Central Semiconductor Corp
|
CHF5KP30A CHF5KP50A CHF5KP110CA MSC0997 CHF5KP65A |
Patented Flip Chip Series FLIP CHIP TVS DIODES From old datasheet system Transient Voltage Suppressor 瞬态电压抑制器 5000 W, BIDIRECTIONAL, SILICON, TVS DIODE FLIP CHIP-2
|
MICROSEMI[Microsemi Corporation] Atmel, Corp. Microsemi, Corp. Vishay Intertechnology, Inc.
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
PE-0402CD680GTT PE-0402CD190GTT PE-0402CD120GTT PE |
1 ELEMENT, 0.068 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.019 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.012 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.0068 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.0087 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.016 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.0012 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.015 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.12 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.018 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.011 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.001 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.1 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.022 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.02 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.013 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.0018 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.023 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.024 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.0033 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.0043 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.0082 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.082 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.0019 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT
|
Pulse Electronics, Corp. PULSE ELECTRONICS CORP
|
|